Part Number Hot Search : 
T3043 815SR 4D181M 1N4474TR HVD374B RZ1100 3XB105M 10030
Product Description
Full Text Search
 

To Download FQU60N03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2000 fairchild semiconductor international april 2000 rev. a, april 2000 fqd60n03l / FQU60N03L qfet qfet qfet qfet tm fqd60n03l / FQU60N03L 30v logic n-channel mosfet general description these n-channel enhancement mode power field effect transistors are produced using fairchild?s proprietary, planar stripe, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for low voltage applications such as dc/dc converters, and high efficiency switching for power management in portable and battery operated products. features  40.3a, 30v, r ds(on) = 0.019 ? @ v gs = 10v  low gate charge ( typical 18.5 nc)  low crss ( typical 155 pf)  fast switching  100% avalanche tested  improved dv/dt capability  150 o c maximum junction temperature rating absolute maximum ratings   t c = 25c unless otherwise noted thermal characteristics symbol parameter fqd60n03l / FQU60N03L units v dss drain-source voltage 30 v i d drain current - continuous (t c = 25c) 40.3 a - continuous (t c = 100c) 25.5 a i dm drain current - pulsed (note 1) 161 a v gss gate-source voltage  20 v e as single pulsed avalanche energy (note 2) 220 mj i ar avalanche current (note 1) 40.3 a e ar repetitive avalanche energy (note 1) 5.6 mj dv/dt peak diode recovery dv/dt (note 3) 7.0 v/ns p d power dissipation (t a = 25c) * 2.5 w power dissipation (t c = 25c) 56 w - derate above 25c 0.45 w/c t j , t stg operating and storage temperature range -55 to +150 c t l maximum lead temperature for soldering purposes, 1/8  from case for 5 seconds 300 c symbol parameter typ max units r jc thermal resistance, junction-to-case -- 2.25 c  w r ja thermal resistance, junction-to-ambient * -- 50 c  w r ja thermal resistance, junction-to-ambient -- 110 c  w * when mounted on the minimum pad size recommended (pcb mount) ! " ! ! ! " " " ! " ! ! ! " " " s d g i-pak fqu series d-pak fqd series g s d g s d
?2000 fairchild semiconductor international fqd60n03l / FQU60N03L (note 4) (note 4, 5) (note 4, 5) (note 4) rev. a, april 2000 electrical characteristics  t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width limited by maximum junction temperature 2. l = 135 h, i as = 40.3a, v dd = 15v, r g = 25 ?, starting t j = 25c 3. i sd  60a, di/dt  300a/ s, v dd  bv dss, starting t j = 25c 4. pulse test : pulse width  300 s, duty cycle  2% 5. essentially independent of operating temperature symbol parameter test conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 30 -- -- v ? bv dss / ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25c -- 0.02 -- v/c i dss zero gate voltage drain current v ds = 30 v, v gs = 0 v -- -- 1 a v ds = 24 v, t c = 125c -- -- 10 a i gssf gate-body leakage current, forward v gs = 20 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -20 v, v ds = 0 v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 1.0 -- 2.5 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 20.2 a v gs = 5v, i d = 20.2 a -- -- 0.015 0.019 0.019 0.024 ? g fs forward transconductance v ds = 15 v, i d = 20.2 a -- 24 -- s dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 875 1140 pf c oss output capacitance -- 570 740 pf c rss reverse transfer capacitance -- 155 200 pf switching characteristics t d(on) turn-on delay time v dd = 15 v, i d = 30 a, r g = 25 ? -- 17 45 ns t r turn-on rise time -- 155 320 ns t d(off) turn-off delay time -- 10 30 ns t f turn-off fall time -- 75 160 ns q g total gate charge v ds = 24 v, i d = 60 a, v gs = 5 v -- 18.5 24 nc q gs gate-source charge -- 7 -- nc q gd gate-drain charge -- 9.5 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 40.3 a i sm maximum pulsed drain-source diode forward current -- -- 161 a v sd drain-source diode forward voltage v gs = 0 v, i s = 40.3 a -- -- 1.5 v t rr reverse recovery time v gs = 0 v, i f = 60 a, di f / dt = 100 a/ s -- 40 -- ns q rr reverse recovery charge -- 35 -- nc
?2000 fairchild semiconductor international fqd60n03l / FQU60N03L rev. a, april 2000 0 5 10 15 20 25 30 35 0 2 4 6 8 10 12 v ds = 15v v ds = 24v  not e : i d = 60a v gs , gate-source voltage [v] q g , total gate charge [nc] 10 -1 10 0 10 1 0 500 1000 1500 2000 2500 3000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd  notes : 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 10 0 10 1 10 2 150   notes : 1. v gs = 0v 2. 250  s pulse test 25  i dr , reverse drain current [a] v sd , source-drain voltage [v] 0 40 80 120 160 200 0 10 20 30 40 50 v gs = 10v v gs = 5v  not e : t j = 25  r ds(on) [m  ], drain-source on-resistance i d , drain current [a] 0246810 10 0 10 1 10 2 150  25  -55   notes : 1. v ds = 15v 2. 250  s pulse test i d , drain current [a] v gs , gate-source voltage [v] 10 -1 10 0 10 1 10 1 10 2 v gs top : 10.0 v 8.0 v 6.0 v 5.0 v 4.5 v 4.0 v 3.5 v bottom : 3.0 v  notes : 1. 250  s pulse test 2. t c = 25  i d , drain current [a] v ds , drain-source voltage [v] figure 5. capacitance characteristics figure 6. gate charge characteristics figure 3. on-resistance variation vs. drain current and gate voltage figure 4. body diode forward voltage variation vs. source current and temperature figure 2. transfer characteristics figure 1. on-region characteristics typical characteristics
?2000 fairchild semiconductor international fqd60n03l / FQU60N03L rev. a, april 2000 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0  notes : 1 . z  jc (t) = 2.25  /w m a x . 2. duty factor, d=t 1 /t 2 3 . t jm - t c = p dm * z  jc (t) sin g le p u lse d=0.5 0.02 0.2 0.05 0.1 0.01 z  jc (t), therm al response t 1 , square w ave pulse duration [sec] 25 50 75 100 125 150 0 10 20 30 40 50 i d , drain current [a] t c , case temperature [  ] 10 -1 10 0 10 1 10 0 10 1 10 2 dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on)  not es : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5  notes : 1. v gs = 10 v 2. i d = 20.2 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2  notes : 1. v gs = 0 v 2. i d = 250  a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 7. breakdown voltage variation vs. temperature figure 8. on-resistance variation vs. temperature figure 11. transient thermal response curve t 1 p dm t 2 typical characteristics (continued)
?2000 fairchild semiconductor international fqd60n03l / FQU60N03L rev. a, april 2000 gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms charge v gs 5v q g q gs q gd 3ma v gs dut v ds 300nf 50k  200nf 12v same type as dut charge v gs 5v q g q gs q gd 3ma v gs dut v ds 300nf 50k  200nf 12v same type as dut v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 5v v ds r l dut r g v gs v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 5v v ds r l dut r g v gs e as =li as 2 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l i d t p e as =li as 2 ---- 2 1 e as =li as 2 ---- 2 1 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l l i d i d t p
?2000 fairchild semiconductor international fqd60n03l / FQU60N03L rev. a, april 2000 peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs  dv/dt controlled by r g i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs  dv/dt controlled by r g i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
?2000 fairchild semiconductor international fqd60n03l / FQU60N03L rev. a, april 2000 package dimensions 6.60 0.20 2.30 0.10 0.50 0.10 5.34 0.30 0.70 0.20 0.60 0.20 0.80 0.20 9.50 0.30 6.10 0.20 2.70 0.20 9.50 0.30 6.10 0.20 2.70 0.20 min0.55 0.76 0.10 0.50 0.10 1.02 0.20 2.30 0.20 6.60 0.20 0.76 0.10 (5.34) (1.50) (2xr0.25) (5.04) 0.89 0.10 (0.10) (3.05) (1.00) (0.90) (0.70) 0.91 0.10 2.30typ [2.30 0.20] 2.30typ [2.30 0.20] max0.96 (4.34) (0.50) (0.50) dpak
?2000 fairchild semiconductor international fqd60n03l / FQU60N03L rev. a, april 2000 package dimensions (continued) 6.60 0.20 0.76 0.10 max0.96 2.30typ [2.30 0.20] 2.30typ [2.30 0.20] 0.60 0.20 0.80 0.10 1.80 0.20 9.30 0.30 16.10 0.30 6.10 0.20 0.70 0.20 5.34 0.20 0.50 0.10 0.50 0.10 2.30 0.20 (0.50) (0.50) (4.34) ipak
?2000 fairchild semiconductor international rev. a, january 2000 trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. acex? bottomless? coolfet? crossvolt? e 2 cmos? fact? fact quiet series? fast ? fastr? gto? hisec? isoplanar? microwire? pop? powertrench ? qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? vcx? disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor international. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of FQU60N03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X